Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM4657 Fiches technique(PDF) 24 Page - Analog Devices

No de pièce LTM4657
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Fiches technique(HTML) 24 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 18Page - Analog Devices LTM4657 Datasheet HTML 19Page - Analog Devices LTM4657 Datasheet HTML 20Page - Analog Devices LTM4657 Datasheet HTML 21Page - Analog Devices LTM4657 Datasheet HTML 22Page - Analog Devices LTM4657 Datasheet HTML 23Page - Analog Devices LTM4657 Datasheet HTML 24Page - Analog Devices LTM4657 Datasheet HTML 25Page - Analog Devices LTM4657 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
LTM4658
24
Rev. 0
For more information www.analog.com
LTM4658 Component Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
GND
A2
GND
A3
VIN
A4
COMP
A5
RUN
B1
SW
B2
GND
B3
VIN
B4
FB
B5
VOUT
C1
SW
C2
GND
C3
VIN
C4
AGND
C5
VOUT
D1
SW
D2
GND
D3
MODE/SYNC
D4
TRACK/SS
D5
VOUT
E1
GND
E2
GND
E3
PGOOD
E4
FREQ
E5
VOUT
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26