Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIN1100BCPZ-R7 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
Data Sheet
ADIN1100
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 78
Table 2. 10BASE-T1L Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Transmit (TX) Latency
<1.8
μs
18-bit frames
Receiver (RX) Latency
<3.2
μs
32-bit frames
Total Latency
≤5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78