| Moteur de recherche de fiches techniques de composants électroniques |
|
IP1525 Fiches technique(PDF) 2 Page - Interpion semiconductor |
|
|
|||||||||||||||||||||||||||||
IP1525 Fiches technique(HTML) 2 Page - Interpion semiconductor |
|
2 / 11 page ![]() December. 2002 (Rev.0) - 2 - IP1525 DUAL OUTPUT VOLTAGE LDO REGULATOR www.interpionsemi.com PIN DESCRIPTIONS NO SYMBOL I/O DESCRIPTION 1 VIN I Input Supply Voltage 2 ON/OFF I ON/OFF control 3 N/C - No Connection 4 ADJ1 I Regulator 1 Adjustable Pin 5 VOUT1 O Regulator 1 Output (Adjustable) 6 VOUT2 O Regulator 2 Output (Adjustable) 7 ADJ2 I Regulator 2 Adjustable Pin 8 PGND - Power Ground PIN CONNECTIONS N/C VIN ON/OFF VOUT1 PGND ADJ1 VOUT2 PGND ADJ2 1 2 6 4 5 3 7 IP1525 |