Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP1523 Fiches technique(PDF) 6 Page - Interpion semiconductor

No de pièce IP1523
Description  DUAL OUTPUT VOLTAGE SERIES REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPION [Interpion semiconductor]
Site Internet  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1523 Fiches technique(HTML) 6 Page - Interpion semiconductor

Back Button IP1523 Datasheet HTML 2Page - Interpion semiconductor IP1523 Datasheet HTML 3Page - Interpion semiconductor IP1523 Datasheet HTML 4Page - Interpion semiconductor IP1523 Datasheet HTML 5Page - Interpion semiconductor IP1523 Datasheet HTML 6Page - Interpion semiconductor IP1523 Datasheet HTML 7Page - Interpion semiconductor IP1523 Datasheet HTML 8Page - Interpion semiconductor IP1523 Datasheet HTML 9Page - Interpion semiconductor IP1523 Datasheet HTML 10Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
June. 2003 (Rev.2)
- 6 -
IP1523
DUAL OUTPUT VOLTAGE SERIES REGULATOR
WWW.INTERPIONSEMI.COM
APPLICATION SUMMARY
- ON / OFF Control Function
If you want to control the output of the IP1523, use pin #4 as follows:
Pin#4
IP1523
HIGH
off
LOW
on
ON/OFF control function
If the voltage of pin#4 becomes larger than the threshold
voltage Vth, the main bias current and hence, the output
voltages will be shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14