Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP1520 Fiches technique(PDF) 10 Page - Interpion semiconductor

No de pièce IP1520
Description  DUAL OUTPUT VOLTAGE SERIES REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPION [Interpion semiconductor]
Site Internet  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1520 Fiches technique(HTML) 10 Page - Interpion semiconductor

Back Button IP1520 Datasheet HTML 6Page - Interpion semiconductor IP1520 Datasheet HTML 7Page - Interpion semiconductor IP1520 Datasheet HTML 8Page - Interpion semiconductor IP1520 Datasheet HTML 9Page - Interpion semiconductor IP1520 Datasheet HTML 10Page - Interpion semiconductor IP1520 Datasheet HTML 11Page - Interpion semiconductor IP1520 Datasheet HTML 12Page - Interpion semiconductor IP1520 Datasheet HTML 13Page - Interpion semiconductor IP1520 Datasheet HTML 14Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
August. 2002 (Rev.0)
- 10 -
IP1520
DUAL OUTPUT VOLTAGE SERIES REGULATOR
WWW.INTERPIONSEMI.COM
ELECTRICAL CHARACTERISTICS CURVES
0
2
4
6
8
10
0
2
4
6
8
10
VCC vs ICC
Vcc (V)
-50
0
50
100
150
1.630
1.635
1.640
1.645
1.650
1.655
1.660
1.665
1.670
VREF TEMPERTURE STABILITY
TEMP (
OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14