| Moteur de recherche de fiches techniques de composants électroniques |
|
PPC5604BACLL4R Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5604BACLL4R Fiches technique(HTML) 5 Page - NXP Semiconductors |
|
5 / 109 page ![]() Introduction MPC5604B/C Microcontroller Data Sheet, Rev. 15 NXP Semiconductors 5 1.3 Block diagram Figure 1 shows a top-level block diagram of the MPC5604B/C device series. Figure 1. Block diagram 3 x DSPI FMPLL Nexus 2+ Nexus SRAM SIUL Reset control 48 KB External IMUX GPIO and JTAG pad control JTAG port Nexus port e200z0h Interrupt requests 6 x FlexCAN Peripheral bridge interrupt request Interrupt request I/O Clocks Instructions Data Voltage regulator NMI SWT PIT STM NMI SIUL . . . . . . . . . . . . INTC I2C . . . 4 x LINFlex 2 x eMIOS 36 Ch. ADC CMU SRAM Flash Code Flash 512 KB Data Flash 64 KB MC_PCU MC_ME MC_CGM MC_RGM BAM CTU RTC SSCM (Master) (Master) (Slave) (Slave) (Slave) controller controller Legend: ADC Analog-to-Digital Converter BAM Boot Assist Module FlexCAN Controller Area Network CMU Clock Monitor Unit CTU Cross Triggering Unit DSPI Deserial Serial Peripheral Interface eMIOS Enhanced Modular Input Output System FMPLL Frequency-Modulated Phase-Locked Loop I2C Inter-integrated Circuit Bus IMUX Internal Multiplexer INTC Interrupt Controller JTAG JTAG controller LINFlex Serial Communication Interface (LIN support) ECSM Error Correction Status Module MC_CGM Clock Generation Module MC_ME Mode Entry Module MC_PCU Power Control Unit MC_RGM Reset Generation Module MPU Memory Protection Unit Nexus Nexus Development Interface (NDI) Level NMI Non-Maskable Interrupt PIT Periodic Interrupt Timer RTC Real-Time Clock SIUL System Integration Unit Lite SRAM Static Random-Access Memory SSCM System Status Configuration Module STM System Timer Module SWT Software Watchdog Timer WKPU Wakeup Unit MPU ECSM from peripheral registers blocks WKPU Interrupt request with wakeup functionality |