Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC64-E/SM Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce 24LC64-E/SM
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64-E/SM Fiches technique(HTML) 15 Page - Microchip Technology

Back Button 24LC64-E/SM Datasheet HTML 11Page - Microchip Technology 24LC64-E/SM Datasheet HTML 12Page - Microchip Technology 24LC64-E/SM Datasheet HTML 13Page - Microchip Technology 24LC64-E/SM Datasheet HTML 14Page - Microchip Technology 24LC64-E/SM Datasheet HTML 15Page - Microchip Technology 24LC64-E/SM Datasheet HTML 16Page - Microchip Technology 24LC64-E/SM Datasheet HTML 17Page - Microchip Technology 24LC64-E/SM Datasheet HTML 18Page - Microchip Technology 24LC64-E/SM Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 15
24AA64/24FC64/24LC64
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
8-Lead SOIC
Example
XXXXXXXT
XXXXYYWW
NNN
24LC64
I/P
13F
2204
24LC64I
SN
2204
13F
8-Lead MSOP
Example
4L64I
20413F
8-Lead 2x3 DFN
Example
274
204
13
XXX
YWW
NN
3
e
3
e
XXXXXT
YWWNNN
5-Lead Chip Scale
XW
Example
72
NN
13
8-Lead 5x6 DFN-S
Example
24FC64
I/MF
2204
3
e
13F
8-Lead SOIJ
Example
XXXXXXXX
T/XXXXXX
YYWWNNN
24LC64
I/SM
220413F
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51