| Moteur de recherche de fiches techniques de composants électroniques |
|
PREF7030QFKHT Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PREF7030QFKHT Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 40 page ![]() 8.2 Long-Term Stability One of the key parameters of the REF70 references is long-term stability also known as long-term drift. The long-term stability value was tested in a typical setup that reflects standard PCB board manufacturing practices. The boards are made of standard FR4 material and the board does not have special cuts or grooves around the devices to relieve the mechanical stress of the PCB. The devices and boards in this test do not undergo high temperature burn in post-soldering prior to testing. These conditions reflect a real world use case scenario and common manufacturing techniques. During the long-term stability testing, precautions are taken to ensure that only the long-term stability drift is being measured. The boards are maintained at 35°C in an oil bath. The oil bath ensures that the temperature is constant across the device over time compared to an air oven. The measurements are captured every 30 minutes with a calibrated 8.5 digit multimeter. Typical long-term stability characteristic is expressed as a deviation over time. Figure 8-3 shows the typical drift value for the REF70 FKH VOUT is 28 ppm from 0 to 1000 hours. It is important to understand that long-term stability is not ensured by design and that the value is typical. The REF70 will experience the highest drift in the initial 1000 hr. Subsequent deviation is typically lower than 13 ppm for the next 1000 hr. Time (hr) 0 400 800 1200 1600 2000 -150 -100 -50 0 50 100 150 Figure 8-3. Long Term Stability LCCC -2000 hours (VOUT) 8.3 Thermal Hysteresis Thermal hysteresis is measured with the REF70 FKH soldered to a PCB, similar to a real-world application. Thermal hysteresis for the device is defined as the change in output voltage after operating the device at 25°C, cycling the device through the specified temperature range, and returning to 25°C. This can be seen in Figure 8-4 to Figure 8-5. Hysteresis can be expressed by Equation 1: 6 PRE POST HYST NOM | V V | V 10 ppm V § · u ¨ ¸ © ¹ (1) where • VHYST = thermal hysteresis (in units of ppm) • VNOM = the specified output voltage • VPRE = output voltage measured at 25°C pre-temperature cycling • VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature range of –40°C to +125°C and returns to 25°C. REF70 SNAS781D – OCTOBER 2020 – REVISED DECEMBER 2021 www.ti.com 18 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: REF70 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |