| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5602CFCLL6R Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5602CFCLL6R Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 109 page ![]() MPC5604B/C Microcontroller Data Sheet, Rev. 15 Package pinouts and signal descriptions NXP Semiconductors 32 2.11 NVUSRO register Bit values in the Non-Volatile User Options (NVUSRO) Register control portions of the device configuration, namely electrical parameters such as high voltage supply and oscillator margin, as well as digital functionality (watchdog enable/disable after reset). For a detailed description of the NVUSRO register, please refer to the device reference manual. 2.11.1 NVUSRO[PAD3V5V] field description The DC electrical characteristics are dependent on the PAD3V5V bit value. Table 8 shows how NVUSRO[PAD3V5V] controls the device configuration. 2.11.2 NVUSRO[OSCILLATOR_MARGIN] field description The fast external crystal oscillator consumption is dependent on the OSCILLATOR_MARGIN bit value. Table 9 shows how NVUSRO[OSCILLATOR_MARGIN] controls the device configuration. 2.11.3 NVUSRO[WATCHDOG_EN] field description The watchdog enable/disable configuration after reset is dependent on the WATCHDOG_EN bit value. Table 10 shows how NVUSRO[WATCHDOG_EN] controls the device configuration. Table 8. PAD3V5V field description Value1 1 Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash. Description 0 High voltage supply is 5.0 V 1 High voltage supply is 3.3 V Table 9. OSCILLATOR_MARGIN field description Value1 1 Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash. Description 0 Low consumption configuration (4 MHz/8 MHz) 1 High margin configuration (4 MHz/16 MHz) Table 10. WATCHDOG_EN field description Value1 1 Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash. Description 0 Disable after reset 1 Enable after reset |