Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6421 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM6421
Description  AM64x Sitara??Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 3Page - Texas Instruments AM6421 Datasheet HTML 4Page - Texas Instruments AM6421 Datasheet HTML 5Page - Texas Instruments AM6421 Datasheet HTML 6Page - Texas Instruments AM6421 Datasheet HTML 7Page - Texas Instruments AM6421 Datasheet HTML 8Page - Texas Instruments AM6421 Datasheet HTML 9Page - Texas Instruments AM6421 Datasheet HTML 10Page - Texas Instruments AM6421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 235 page
background image
4 Revision History
Changes from August 6, 2021 to February 16, 2022 (from Revision B (AUGUST 2021) to
Revision C (FEBRUARY 2022))
Page
• (Features): Removed On-the-Fly authentication support from OSPI..................................................................1
• (Device Comparison): Clarified speed grade options for each device. Also clarified functional safety support
and added a note that references the Nomenclature Description table..............................................................8
• (Pin Connectivity Requirements [was "Connections for Unused Pins"]): Added new pin connection
requirements and updated SERDES power pin connection requirements to include a condition of device
boundary scan usage....................................................................................................................................... 92
• (Absolute Maximum Ratings): Replaced free-air in the table description with junction and moved MCU_PORz
from a row of dual-voltage fail-safe pins to its own row.................................................................................... 96
• (Recommended Operating Conditions): Replaced free-air in the table description with junction and added a
note to VDD_MMC0 and VDD_DLL_MMC0.....................................................................................................99
• (Recommended Operating Conditions): Combined VDDS_DDR and VDDS_DDR_C into a single row and
added a note that explains these two power rails should be powered from the same source..........................99
• (Speed Grade Maximum Frequency): Updated Note 1 to reference the AM64x\AM243x DDR Board Design
and Layout Guidelines.................................................................................................................................... 100
• (LVCMOS Electrical Characteristics): Corrected the VOH MIN value for 1.8V Mode...................................... 103
• (Recommended Operating Conditions for OTP eFuse Programming): Replaced free-air in the table
description with junction and changed operating temperature description to remove ambient and replace with
junction. Also removed the recommendation for using a specific power management solution.....................106
• (ALV Package Thermal Resistance Characteristics): Updated TBD values in the table with actual values...107
• (Power-Up Sequencing): Updated Note 10 to clarify VDD_CORE and VDDR_CORE dependencies........... 110
• (Power-Down Sequencing): Added Note 5 to clarify VDD_CORE and VDDR_CORE dependencies............112
• (System Timing): Removed the maximum input slew rate requirement from the Systems Timing Conditions
table................................................................................................................................................................ 113
• (Clock Timing): Added MCU_EXT_REFCLK0 to the Clock Timing Requirements, and added
MCU_SYSCLKOUT0 and MCU_OBSCLK0 to the Clock Switching Characteristics...................................... 117
• (MCU_OSC0 Internal Oscillator Clock Source): Added a note to define the maximum ESRxtal value based on
the Cshunt parameter....................................................................................................................................... 120
• (DDRSS Switching Characteristics): Added a note that clarifies the min cycle time definition and references
the AM64x\AM243x DDR Board Design and Layout Guidelines.................................................................... 132
• (GPMC and NOR Flash — Synchronous Mode): Added a note to Timing Requirements and Switching
Characteristics tables to clarify maximum frequency relationship to data bus width...................................... 139
• (System Power Supply Monitor Design Guidelines): Updated maximum and minumum threshold values to
remove a few mV of rounding error in example provided............................................................................... 222
• (Standard Package Symbolization): Updated package symbolization figure................................................. 225
• (Tools and Software): Updated the supported development tools.................................................................. 226
• (Documentation Support) Updated/Changed the titles and URLs of Technical Reference Manual and Silicon
Errata references............................................................................................................................................ 227
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More