Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5604BC Fiches technique(PDF) 28 Page - NXP Semiconductors

No de pièce MPC5604BC
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604BC Fiches technique(HTML) 28 Page - NXP Semiconductors

Back Button MPC5604BC Datasheet HTML 24Page - NXP Semiconductors MPC5604BC Datasheet HTML 25Page - NXP Semiconductors MPC5604BC Datasheet HTML 26Page - NXP Semiconductors MPC5604BC Datasheet HTML 27Page - NXP Semiconductors MPC5604BC Datasheet HTML 28Page - NXP Semiconductors MPC5604BC Datasheet HTML 29Page - NXP Semiconductors MPC5604BC Datasheet HTML 30Page - NXP Semiconductors MPC5604BC Datasheet HTML 31Page - NXP Semiconductors MPC5604BC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
28
PH[2]
PCR[114] AF0
AF1
AF2
AF3
GPIO[114]
E1UC[4]
SCK_1
—
SIUL
eMIOS_1
DSPI_1
—
I/O
I/O
I/O
—
M
Tristate
—
—
—
95
F16
PH[3]
PCR[115] AF0
AF1
AF2
AF3
GPIO[115]
E1UC[5]
CS0_1
—
SIUL
eMIOS_1
DSPI_1
—
I/O
I/O
I/O
—
M
Tristate
—
—
—
96
F15
PH[4]
PCR[116] AF0
AF1
AF2
AF3
GPIO[116]
E1UC[6]
—
—
SIUL
eMIOS_1
—
—
I/O
I/O
—
—
M
Tristate
—
—
—
134
A6
PH[5]
PCR[117] AF0
AF1
AF2
AF3
GPIO[117]
E1UC[7]
—
—
SIUL
eMIOS_1
—
—
I/O
I/O
—
—
S
Tristate
—
—
—
135
B6
PH[6]
PCR[118] AF0
AF1
AF2
AF3
GPIO[118]
E1UC[8]
—
MA[2]
SIUL
eMIOS_1
—
ADC
I/O
I/O
—
O
M
Tristate
—
—
—
136
D5
PH[7]
PCR[119] AF0
AF1
AF2
AF3
GPIO[119]
E1UC[9]
CS3_2
MA[1]
SIUL
eMIOS_1
DSPI_2
ADC
I/O
I/O
O
O
M
Tristate
—
—
—
137
C5
PH[8]
PCR[120] AF0
AF1
AF2
AF3
GPIO[120]
E1UC[10]
CS2_2
MA[0]
SIUL
eMIOS_1
DSPI_2
ADC
I/O
I/O
O
O
M
Tristate
—
—
—
138
A5
PH[9]9
PCR[121] AF0
AF1
AF2
AF3
GPIO[121]
—
TCK
—
SIUL
—
JTAGC
—
I/O
—
I
—
S
Input, weak
pull-up
60
60
88
127
B8
PH[10]9 PCR[122] AF0
AF1
AF2
AF3
GPIO[122]
—
TMS
—
SIUL
—
JTAGC
—
I/O
—
I
—
S
Input, weak
pull-up
53
53
81
120
B9
Table 5. Functional port pin descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More