Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC804 Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 13Page - NXP Semiconductors LPC804 Datasheet HTML 14Page - NXP Semiconductors LPC804 Datasheet HTML 15Page - NXP Semiconductors LPC804 Datasheet HTML 16Page - NXP Semiconductors LPC804 Datasheet HTML 17Page - NXP Semiconductors LPC804 Datasheet HTML 18Page - NXP Semiconductors LPC804 Datasheet HTML 19Page - NXP Semiconductors LPC804 Datasheet HTML 20Page - NXP Semiconductors LPC804 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
17 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
Fig 9.
LPC804 Memory mapping
aaa-029247
AHB perpherals
CRC engine
0x5001 4000
0x5000 0000
(reserved)
private peripheral bus
(reserved)
GPIO interrupts
Memory space
GPIO
(reserved)
(reserved)
(reserved)
(reserved)
(reserved)
active interrupt vectors
Boot ROM
RAM
AHB
peripherals
APB
peripherals
Flash memory
(up to 32 KB)
0xFFFF FFFF
0xE010 0000
0xE000 0000
0xA000 8000
0xA000 4000
0xA000 0000
0x5001 4000
0x5000 0000
0x4008 0000
0x4000 0000
0x1000 1000
0x1000 0000
0x0F00 2000
0x0F00 0000
0x0000 8000
0x0000 0000
0x0000 00C0
0x0000 0000
(reserved)
APB perpherals
USART1
USART0
(reserved)
SPI
I2C0
(reserved)
Syscon
IOCON
(reserved)
CTIMER 0
(reserved)
PLU
Analog Comparator
PMU
ADC
Switch Matrix
Wake-up Timer
Multi-Rate Timer
Watchdog timer
31-30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0x4007 FFFF
0x4007 8000
0x4007 4000
0x4007 0000
0x4006 C000
0x4006 8000
0x4006 4000
0x4006 0000
0x4005 C000
0x4005 8000
0x4005 4000
0x4005 0000
0x4004 C000
0x4004 8000
0x4004 4000
0x4004 0000
0x4003 C000
0x4003 8000
0x4003 4000
0x4003 0000
0x4002 C000
0x4002 8000
0x4002 4000
0x4002 0000
0x4001 C000
0x4001 8000
0x4001 4000
0x4001 0000
0x4000 C000
0x4000 8000
0x4000 4000
0x4000 0000
(reserved)
(reserved)
(reserved)
(reserved)
(reserved)
(reserved)
I2C1
CAPTouch
(reserved)
DAC0
(reserved)
(reserved)
0x5000 4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89