Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE1202ACCZ Fiches technique(PDF) 30 Page - Analog Devices

No de pièce ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Fiches technique(HTML) 30 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 26Page - Analog Devices ADE1202ACCZ Datasheet HTML 27Page - Analog Devices ADE1202ACCZ Datasheet HTML 28Page - Analog Devices ADE1202ACCZ Datasheet HTML 29Page - Analog Devices ADE1202ACCZ Datasheet HTML 30Page - Analog Devices ADE1202ACCZ Datasheet HTML 31Page - Analog Devices ADE1202ACCZ Datasheet HTML 32Page - Analog Devices ADE1202ACCZ Datasheet HTML 33Page - Analog Devices ADE1202ACCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
ADE1202
Data Sheet
Rev. 0 | Page 30 of 42
ELECTOMAGNETIC INTERFACE (EMI) CAPACITOR
High voltage capacitors are recommended to improve emissions
and immunity to conducted disturbances.
These capacitors must be connected between the two ground
planes (GND and GNDF) through multiple vias, as shown in
Figure 52 (see the yellow Circle 3 label in Figure 49).
Take care to meet the application creepage and clearance
requirements because the distance between the ground planes
and the copper on the capacitor footprint is lower than the
creepage and clearance of the ADE1202. Through hole
capacitors are not recommended.
Figure 52. EMI Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42