| Moteur de recherche de fiches techniques de composants électroniques |
|
US1MG-SMA-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
US1MG-SMA-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD US1M Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-224.a SURFACE MOUNT ULTRA FAST RECTIFIER DESCRIPTION The UTC US1M is a surface mount ultra fast rectifier, it uses UTC’s advanced technology to provide customers with ultra fast switching, high forward surge current and low reverse leakage, etc. The UTC US1M is suitable for surface mounted applications. FEATURES * Ultra fast switching for high efficiency * Low reverse leakage * High forward surge current capability SYMBOL SMA (JEDEC DO-214AC) + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 US1ML-SMA-R US1MG-SMA-R SMA K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING INFORMATION PACKAGE MARKING SMA Date Code Cathode Band for uni-directional Only UTC US1 M L: Lead Free G: Halogen Free |
Numéro de pièce similaire - US1MG-SMA-R |
|
Description similaire - US1MG-SMA-R |