Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9986 Fiches technique(PDF) 22 Page - Analog Devices

No de pièce AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9986 Fiches technique(HTML) 22 Page - Analog Devices

Back Button AD9986 Datasheet HTML 18Page - Analog Devices AD9986 Datasheet HTML 19Page - Analog Devices AD9986 Datasheet HTML 20Page - Analog Devices AD9986 Datasheet HTML 21Page - Analog Devices AD9986 Datasheet HTML 22Page - Analog Devices AD9986 Datasheet HTML 23Page - Analog Devices AD9986 Datasheet HTML 24Page - Analog Devices AD9986 Datasheet HTML 25Page - Analog Devices AD9986 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data Sheet
AD9986
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 22 of 37
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
NO CONNECTS AND DO NOT CONNECTS
B7, U7
DNC
Output
Do Not Connect.
H4, L4, L15, L16
DNC
DNC
Do Not Connect. The pins must be kept open.
A5, A6
NC
Input
No Connect.
V5, V6
NC
Input
No Connect.
1 CMOS inputs do not have pull-up or pull-down resistors.
2 SERDINx± and SERDOUTx± include 100 Ω internal termination resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37