Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8545ATT Fiches technique(PDF) 30 Page - NXP Semiconductors

No de pièce PCF8545ATT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Fiches technique(HTML) 30 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 26Page - NXP Semiconductors PCF8545ATT Datasheet HTML 27Page - NXP Semiconductors PCF8545ATT Datasheet HTML 28Page - NXP Semiconductors PCF8545ATT Datasheet HTML 29Page - NXP Semiconductors PCF8545ATT Datasheet HTML 30Page - NXP Semiconductors PCF8545ATT Datasheet HTML 31Page - NXP Semiconductors PCF8545ATT Datasheet HTML 32Page - NXP Semiconductors PCF8545ATT Datasheet HTML 33Page - NXP Semiconductors PCF8545ATT Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
Display RAM addresses (columns)/segment outputs (S)
013aaa454
BP0
BP1
BP2
BP3
BP4
BP5
BP6
BP7
S0 S1 S2 S3 S4
S35 S36 S37 S38 S39
Multiplex 1:8 drive mode
Multiplex 1:6 drive mode
Multiplex 1:4 drive mode
S0 S1 S2 S3 S4
S35 S36 S37 S38 S39 S40 S41
BP0
BP1
BP2
BP3
BP4
BP5
BP0
BP1
BP2
BP3
S0 S1 S2 S3 S4
S35 S36 S37 S38 S39 S40 S41 S42 S43
The display RAM bitmap shows the direct relationship between the display RAM column and the
segment outputs and between the bits in a RAM row and the backplane outputs.
Figure 19. Display RAM bitmap
Logic 1 in the RAM bit map indicates the on-state (Von(RMS)) of the corresponding LCD
element; similarly, logic 0 indicates the off-state (Voff(RMS)). For more information on
Von(RMS) and Voff(RMS), see Section 7.4.
There is a one-to-one correspondence between
• the bits in the RAM bitmap and the LCD elements,
• the RAM columns and the segment outputs,
• the RAM rows and the backplane outputs.
The display RAM bit map, Figure 19, shows row 0 to row 7 and column 0 to column 43.
Row 0 to row 7 correspond with the backplane outputs BP0 to BP7. Column 0 to column
43 correspond with the segment outputs S0 to S43. In multiplexed LCD applications,
the data of each row of the display RAM is time-multiplexed with the corresponding
backplane (row 0 with BP0, row 1 with BP1, and so on).
When display data is transmitted to the PCF8545, the display bytes received are stored
in the display RAM in accordance with the selected LCD multiplex drive mode. The data
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
30 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68