Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KC-058CS Fiches technique(PDF) 4 Page - Socay Electornics Co., Ltd.

No de pièce KC-058CS
Description  KCXXXCS Series 10KA Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOCAY [Socay Electornics Co., Ltd.]
Site Internet  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-058CS Fiches technique(HTML) 4 Page - Socay Electornics Co., Ltd.

  KC-058CS Datasheet HTML 1Page - Socay Electornics Co., Ltd. KC-058CS Datasheet HTML 2Page - Socay Electornics Co., Ltd. KC-058CS Datasheet HTML 3Page - Socay Electornics Co., Ltd. KC-058CS Datasheet HTML 4Page - Socay Electornics Co., Ltd. KC-058CS Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KCXXXCS Series 10KA Transient Voltage Suppressor
Revision In November 26, 2020
4 / 5
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
KCXXXCS Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
17.00
---
17.60 0.669
---
0.693
B
14.50
---
15.10 0.571
---
0.594
C
15.75
---
16.35 0.620
---
0.644
D
6.85
---
7.20
0.270
---
0.283
E
18.20
---
18.70 0.717
---
0.736
F
13.10
---
13.60 0.516
---
0.535
G
3.15
---
3.75
0.124
---
0.148
H
4.85
---
5.15
0.191
---
0.203
I
13.20
---
13.60 0.520
---
0.535
J
0.50
---
0.70
0.020
---
0.028
K
---
13.70
---
---
0.539
---
L
---
13.45
---
---
0.530
---
M
---
10.80
---
---
0.425
---
N
---
5.30
---
---
0.209
---
P
---
3.00
---
---
0.118
---
Q
---
1.50
---
---
0.059
---
R
---
4.90
---
---
0.193
---
Package Mechanical Data
Marking



Html Pages

1 2 3 4 5