Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M76DW52003BA Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce M76DW52003BA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003BA Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button M76DW52003BA Datasheet HTML 15Page - STMicroelectronics M76DW52003BA Datasheet HTML 16Page - STMicroelectronics M76DW52003BA Datasheet HTML 17Page - STMicroelectronics M76DW52003BA Datasheet HTML 18Page - STMicroelectronics M76DW52003BA Datasheet HTML 19Page - STMicroelectronics M76DW52003BA Datasheet HTML 20Page - STMicroelectronics M76DW52003BA Datasheet HTML 21Page - STMicroelectronics M76DW52003BA Datasheet HTML 22Page - STMicroelectronics M76DW52003BA Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19/27
M76DW52003TA, M76DW52003BA
Figure 12. SRAM Write AC Waveforms, E1S Controlled
Note: 1. WS, E1S, E2S, UBS and/or LBS must be asserted to initiate a write cycle. Output Enable (GS) = Low (otherwise, DQ0-DQ15 are high
impedance). If E1S, E2S and W are deasserted at the same time, DQ0-DQ15 remain high impedance.
2. If E1S, E2S and W are deasserted at the same time, DQ0-DQ15 remain high impedance.
3. The I/O pins are in output mode and input signals must not be applied.
AI07945b
tAVAV
tE1HAX
tDVE1H
tDVE2L
INPUT VALID
A0-A17
E1S
W
DQ0-DQ15
VALID
E2S
tAVE1H
tAVE2L
tBLE1H
tBLE2L
tGHQZ
tE1HDZ
tE2LDZ
tAVE1L
UBS, LBS
tE2HE2L
tE1LE1H
G
tWLE1H
tWLE2L
tAVE2H
tE2LAX
Note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27