| Moteur de recherche de fiches techniques de composants électroniques |
|
FS5502 Fiches technique(PDF) 77 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS5502 Fiches technique(HTML) 77 Page - NXP Semiconductors |
|
77 / 113 page ![]() NXP Semiconductors FS5502 High voltage PMIC with multiple SMPS and LDO 19.3 PSYNC for two FS5502 PSYNC function allows to manage complex start up sequence with multiple power management ICs like two FS5502 (OTP_PSYNC_CFG = 0) or one FS5502 plus one PF82 (OTP_PSYNC_CFG = 1). This function is enabled with the OTP_PSYNC_EN bit. When PSYNC is used to synchronize two FS5502, PSYNC pin of each device shall be connected together and pulled up to VBOS pin of the FS5502 master device as shown in Figure 24. In this configuration, FS5502 #1 state machine stops before FS5502 #1_VPRE starts and waits for FS5502 #2 to synchronize FS5502#2_VPRE start. aaa-033204 sync_in to digital FS5502 #1 PSYNC sync_out from digital VBOS PSYNCIPD PSYNCRPU PSYNCCOUT sync_in to digital FS5502 #2 PSYNC sync_out from digital VBOS PSYNCIPD Figure 24. Synchronization of two FS5502 aaa-033205 FS5502 #2 ready FS5502 #1 ready VSUP FS5502 #1, Sync_out FS5502 #1, VPRE PSYNC FS5502 #1, Sync_in FS5502 #2, Sync_out FS5502 #2, VPRE FS5502 #2, Sync_in T FS5502 ready means VSUP > VSUP_UVH and WAKE1 or WAKE2 > WAKE12VIH During T, FS5502 #1 Sync_in is held low by FS5502 #2 Sync_out Whatever the start up delay T between the 2 x FS5502 devices, PSYNC synchronization allows both VPRE to start at the same time. Figure 25. Two FS5502 synchronization timing diagram FS5502 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 4 — 27 October 2021 77 / 113 |