| Moteur de recherche de fiches techniques de composants électroniques |
|
SP829 Fiches technique(PDF) 12 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP829 Fiches technique(HTML) 12 Page - Sipex Corporation |
|
12 / 16 page ![]() 12 SP828DS/03 SP828/829 High Efficiency Voltage Inverters © Copyright 1999 Sipex Corporation OUT SP828 SP829 C1 1 5 3 C2 C1+ C1- GND 2 4 C4 C3 IN D1 D2 +VIN VOUT1 = (2 x VIN) - VFD1 - VFD2 VOUT2 = -VIN VOUT1 VOUT2 where VOUT1 = positive doubled output voltage, VIN = input voltage, VFD1 = forward bias voltage across D1, VFD2 = forward bias voltage across D2, and VOUT2 = inverted output voltage. D1 = D2 = 1N4148 Figure 24. SP828/829 Device Connected in a Doubler/Inverter Combination Circuit Figure 23. Protection for Heavy Loads SP828 SP829 1 4 OUT GND 1N5817 |