| Moteur de recherche de fiches techniques de composants électroniques |
|
SP828 Fiches technique(PDF) 8 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP828 Fiches technique(HTML) 8 Page - Sipex Corporation |
|
8 / 16 page ![]() 8 SP828DS/03 SP828/829 High Efficiency Voltage Inverters © Copyright 1999 Sipex Corporation Figure 20. SP828/829 Connected as a Voltage Inverter with the load from V OUT to VIN Figure 19. SP828/829 in its Typical Operating Circuit as a Negative Voltage Converter; this Circuit Was Used to Obtain the Typical Performance Characteristics Found in Figures 1 Through 18 (unless otherwise noted) C1- VIN C1+ GND SP828 SP829 5 3 2 1 4 RL C3 C2 VOUT C1 C1- VIN C1+ GND SP828 SP829 5 3 2 1 4 C2 VOUT C1 RL C3 + |