Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLR014TRLPBFA Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce IRLR014TRLPBFA
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLR014TRLPBFA Fiches technique(HTML) 8 Page - Vishay Siliconix

Back Button IRLR014TRLPBFA Datasheet HTML 4Page - Vishay Siliconix IRLR014TRLPBFA Datasheet HTML 5Page - Vishay Siliconix IRLR014TRLPBFA Datasheet HTML 6Page - Vishay Siliconix IRLR014TRLPBFA Datasheet HTML 7Page - Vishay Siliconix IRLR014TRLPBFA Datasheet HTML 8Page - Vishay Siliconix IRLR014TRLPBFA Datasheet HTML 9Page - Vishay Siliconix IRLR014TRLPBFA Datasheet HTML 10Page - Vishay Siliconix IRLR014TRLPBFA Datasheet HTML 11Page - Vishay Siliconix IRLR014TRLPBFA Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 16-Dec-2019
1
Document Number: 71197
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-252AA Case Outline
VERSION 1: FACILITY CODE = Y
Note
• Dimension L3 is for reference only
MILLIMETERS
DIM.
MIN.
MAX.
A
2.18
2.38
A1
-
0.127
b
0.64
0.88
b2
0.76
1.14
b3
4.95
5.46
C
0.46
0.61
C2
0.46
0.89
D
5.97
6.22
D1
4.10
-
E
6.35
6.73
E1
4.32
-
H
9.40
10.41
e
2.28 BSC
e1
4.56 BSC
L
1.40
1.78
L3
0.89
1.27
L4
-
1.02
L5
1.01
1.52
b
b2
e1
E1
C
A1
e
b3
E
C2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13