Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3205TL Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3205TL
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3205TL Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM3205TL Datasheet HTML 1Page - National Semiconductor (TI) LM3205TL Datasheet HTML 2Page - National Semiconductor (TI) LM3205TL Datasheet HTML 3Page - National Semiconductor (TI) LM3205TL Datasheet HTML 4Page - National Semiconductor (TI) LM3205TL Datasheet HTML 5Page - National Semiconductor (TI) LM3205TL Datasheet HTML 6Page - National Semiconductor (TI) LM3205TL Datasheet HTML 7Page - National Semiconductor (TI) LM3205TL Datasheet HTML 8Page - National Semiconductor (TI) LM3205TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Descriptions (Continued)
Pin #
Name
Description
microSMD
LLP
B3
3
SGND
Analog and Control Ground
A3
1, 2
PGND
Power Ground
A2
10
SW
Switch node connection to the internal PFET switch and NFET synchronous rectifier.
Connect to an inductor with a saturation current rating that exceeds the maximum
Switch Peak Current Limit specification of the LM3205.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18