Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AV93LC46PI Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce AV93LC46PI
Description  1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AV93LC46PI Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  AV93LC46PI Datasheet HTML 1Page - List of Unclassifed Manufacturers AV93LC46PI Datasheet HTML 2Page - List of Unclassifed Manufacturers AV93LC46PI Datasheet HTML 3Page - List of Unclassifed Manufacturers AV93LC46PI Datasheet HTML 4Page - List of Unclassifed Manufacturers AV93LC46PI Datasheet HTML 5Page - List of Unclassifed Manufacturers AV93LC46PI Datasheet HTML 6Page - List of Unclassifed Manufacturers AV93LC46PI Datasheet HTML 7Page - List of Unclassifed Manufacturers AV93LC46PI Datasheet HTML 8Page - List of Unclassifed Manufacturers AV93LC46PI Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
@vic
AV93LC46
Copyright © Avic Electronics Corp.
3
Website: http://www.avictek.com
DC Electrical Characteristics (Vcc=2.7V-5.5V,Ta=25℃, unless otherwise noted)
symbol
Parameter
conditions
Min
Max
Units
Icc1
Operating Current
(Program)
SCL=10KHz CMOS Input Leavels
-
3
mA
Icc2
Operating Current
(Read)
SCL=10KHz CMOS Input Leavels
-
200
uA
ISB1
Stabdby Current
SCL=SDA=0V,Vcc=5V
-
10
uA
ISB2
Stabdby Current
SCL=SDA=0V,Vcc=3V
-
1
uA
IIL
Input Leakage
VIN=0V to Vcc
-1
+1
uA
IOL
Output Leakage
Vout=0V to Vcc
-1
+1
uA
VIL
Input Low
Voltage**
-0.1
Vcc X 0.3
V
VIH
Input High
Voltage**
Vcc X
0.7
Vcc+0.2
V
VOL1
Output Low Voltage
IOL=2.1mA TTL
-
0.4
V
VOL2
Output Low Voltage
IOL=10uA CMOS
-
0.2
V
VLK
Vcc Lockout
Voltage
Programming Command Can Be
Executed
Default
-
V
Note. ** VIL min and VIH max are reference only and are not tested
AC Electrical Characteristics (Vcc=2.7V – 5.5V, Ta=25℃ unless otherwise noted )
Symbol
Parameter
Conditions
Min
Max
Units
FSK
SK Clock Frequency
0
1
MHz
TSKH
SK High Time
250
ns
TSKL
SK Low Time
250
ns
TCS
Minimum CS Low Time
250
ns
TCSS
CS Setup Time
Relative to SK
50
ns
TDIS
DI Setup Time
Relative to SK
100
ns
TCSH
CS Hold Time
Relative to SK
0
ns
TDIH
DI Hold Time
Relative to SK
100
ns
TPD1
Output Delay to “1”
AC Test
500
ns
TPD0
Output Delay to “0”
AC Test
500
ns
TSV
CS to Status Valid
AC Test
CL=100pF
500
ns
TDF
CS to DO in 3-state
CS=VIL
100
ns
TWP
Write Cycle Time
10
ms
Endurance**
5V,25℃,Page Mode
1M
Write cycles
Note. ** The Parameter is characterized and isn’t 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9