| Moteur de recherche de fiches techniques de composants électroniques |
|
L1CU-RNG1000000000 Fiches technique(PDF) 1 Page - Lumileds Lighting Company |
|
|
|||||||||||||||||||||||||||||
L1CU-RNG1000000000 Fiches technique(HTML) 1 Page - Lumileds Lighting Company |
|
1 / 31 page ![]() IllumInatIon DS198 LUXEON CZ Color Line Product Datasheet ©2021 Lumileds Holding B.V. All rights reserved. LUXEON CZ Color Line is an optically advanced portfolio of Color and White LEDs. Designed to maximize punch, the LUXEON CZ Color Line is the optimal LED solution for architecture, entertainment and emergency vehicle lighting applications. luXEon CZ Color line Maximum punch in any application FEaturEs and BEnEFIts PrImary aPPlICatIons Small and symmetrical 2x2mm² package Spotlights Industry leading Hot/Cold Factors and the lowest thermal resistance Wall Wash Maximized punch (cd/lm) Floodlights Landscape Lighting More… No. E352519 |
Numéro de pièce similaire - L1CU-RNG1000000000 |
|
Description similaire - L1CU-RNG1000000000 |