Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF4SAM3X84/9BA6AUS Fiches technique(PDF) 30 Page - NXP Semiconductors

No de pièce MF4SAM3X84/9BA6AUS
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3X84/9BA6AUS Fiches technique(HTML) 30 Page - NXP Semiconductors

Back Button MF4SAM3X84/9BA6AUS Datasheet HTML 23Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 24Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 25Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 26Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 27Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 28Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 29Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 30Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
NXP Semiconductors
MF4SAM3
MIFARE SAM AV3 secure access module
MF4SAM3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.0 — 2 August 2019
COMPANY PUBLIC
561930
30 / 31
Figures
Fig. 1.
Block diagram ................................................... 5
Fig. 2.
Pin configuration PCM1.5 ................................. 6
Fig. 3.
Pin configuration HVQFN32 ..............................6
Fig. 4.
Operating conditions over voltage range ...........9
Fig. 5.
Input characteristic of IO1, IO2, IO3 in
"quasi-bidirectional" mode ...............................15
Fig. 6.
Input characteristic of IO1, IO2, IO3 in "weak
pull-up" input mode ......................................... 15
Fig. 7.
Input characteristic of CLK when the IC is not
in reset and of RST_N .................................... 16
Fig. 8.
Input characteristic of CLK during IC reset ......16
Fig. 9.
External clock drive and AC test timing
reference points of CLK, RST_N, IO1, IO2
and IO3 (see and ) ......................................... 19
Fig. 10.
Timing for I2C Slave bus ................................ 21
Fig. 11.
Package outline SOT617-3 ............................. 22
Fig. 12.
Package outline SOT658-1 ............................. 23
Fig. 13.
Packing information for HVQFN32 package
- Reel .............................................................. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31