| Moteur de recherche de fiches techniques de composants électroniques |
|
MF3ICDX21 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3ICDX21 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 18 page ![]() MF3ICDX21_41_81_SDS All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product short data sheet COMPANY PUBLIC Rev. 3.2 — 9 December 2015 145632 9 of 18 NXP Semiconductors MF3ICDx21_41_81 MIFARE DESFire EV1 contactless multi-application IC 9. DESFire command set A detailed description of all commands is provided in Ref. 1. 9.1 ISO/IEC 14443-3 9.2 ISO/IEC 14443-4 Table 4. ISO/IEC 14443-3 Command Description REQA REQA and ATQA are implemented fully according to ISO/IEC 14443-3 WUPA WUPA is implemented fully according to ISO/IEC 14443-3 ANTICOLLISION/SELECT Cascade Level 1 ANTICOLLISION and SELECT commands are implemented fully according to ISO/IEC 14443-3; the response is part 1 of the UID ANTICOLLISION/SELECT Cascade Level 2 ANTICOLLISION and SELECT commands are implemented fully according to ISO/IEC 14443-3; the response is part 2 of the UID HALT brings MIFARE DESFire EV1 to the HALT state Table 5. ISO/IEC 14443-4 Command Description RATS identifies the MIFARE DESFire EV1 type to the PCD PPS allows individual selection of the communication baud rate between PCD and MIFARE DESFire EV1; for DESFire it is possible to set different communication baud rates for each direction i.e. DESFire allows a non-symmetrical information interchange speed. WTX if the MIFARE DESFire EV1 needs more time than the defined FWT to respond to a PCD command it requests a Waiting Time eXtension (WTX) DESELECT allows MIFARE DESFire EV1 to be brought to the HALT state |