Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF1P4131DA6/02 Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce MF1P4131DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4131DA6/02 Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button MF1P4131DA6/02 Datasheet HTML 17Page - NXP Semiconductors MF1P4131DA6/02 Datasheet HTML 18Page - NXP Semiconductors MF1P4131DA6/02 Datasheet HTML 19Page - NXP Semiconductors MF1P4131DA6/02 Datasheet HTML 20Page - NXP Semiconductors MF1P4131DA6/02 Datasheet HTML 21Page - NXP Semiconductors MF1P4131DA6/02 Datasheet HTML 22Page - NXP Semiconductors MF1P4131DA6/02 Datasheet HTML 23Page - NXP Semiconductors MF1P4131DA6/02 Datasheet HTML 24Page - NXP Semiconductors MF1P4131DA6/02 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
21 / 33
9.4 SL1 command overview
Table 7. SL1 command overview
Command
Description
MIFARE Classic commands
MF Authenticate KeyA
authentication with KeyA
MF Authenticate KeyB
authentication with KeyB
MF Read
reading data
MF Write
writing data
MF Increment
incrementing a value
MF Decrement
decrementing a value
MF Restore
restoring a value
MF Transfer
transferring a value
Commands using backwards compatibility protocol, see Section 8.6.1
Read_Sig
Retrieve the ECC originality check signature.
SetConfigSL1
used to change MIFARE Plus EV1 specific configuration
data.
MF_PersonalizeUIDUsage
Personalize UID Usage as described in Ref. 3
AuthenticateFirst (part 1)
first authenticate, protocol used as described in Section
8.6.1
AuthenticateNonFirst (part 1)
following authenticate, protocol used as described in
Section 8.6.1
AuthenticateContinue (part 2)
second authentication step, protocol used as described in
Section 8.6.1
ReadPlainNoMAC_UnMACed
reading in plain, no MAC on response,
no MAC on command
VCSupportLastISOL3
check if the Virtual Card Concept is supported,
communicate PCD capabilities and retrieve the UID
Authentication commands available after ISO/IEC 14443-4 activation[1]
GetVersion
returns manufacturing related data of the PICC
Read_Sig
Retrieve the ECC originality check signature.
AuthenticateFirst (part 1)
first authenticate
AuthenticateNonFirst (part 1)
following authenticate
AuthenticateSectorSwitch (part 1)
used to switch single sectors to SL3
AuthenticateContinue (part 2)
second authentication step
ResetAuth
reset the authentication
Memory commands available after ISO/IEC 14443-4 activation[2]
WriteEncryptedNoMAC
writing encrypted, no MAC on response,
MAC on command
WriteEncryptedMAC
writing encrypted, MAC on response,
MAC on command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33