Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF1P4101DA6/02 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce MF1P4101DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P4101DA6/02 Fiches technique(HTML) 2 Page - NXP Semiconductors

  MF1P4101DA6/02 Datasheet HTML 1Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 2Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 3Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 4Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 5Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 6Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 7Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 8Page - NXP Semiconductors MF1P4101DA6/02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
2 / 33
2 Features and benefits
• 2 kB, 4 kB EEPROM
• 7-byte UID, 4-byte NUID
• Supports ISO/IEC 14443-31 Random ID for all UID types
• Communication speed up to 848 kbps
• Freely configurable access conditions
• Security Level (SL) concept for seamless migration from legacy infrastructure to high
level SL3 security
• Sequential writing of the personalization keys (in SL0)
• AES-128 cryptography for authentication and secure messaging
(optional in SL1, mandatory in SL3)
• SL3 CardSecurityLevel or sector-by-sector security level upgrade possible
(SectorSecurityLevel)
• SL1SL3Mix mode to allow secure back-end connections into SL1 sectors
• Multi-sector authentication, multi-block read and write
• Anti-tearing mechanism for AES keys, sector trailers, configuration and optionally for
data block writing
• Virtual card concept using ISO/IEC 7816-4 compliant selection method
• Proximity check fully ISO/IEC 14443-3 compliant
• Transaction MAC on value and data blocks
• Direct commit personalization from SL0 to SL1 or SL3
• Common Criteria Certification: EAL5+ targeted
• ECC Originality signature
3 Applications
• Public transportation
• Access management
• Electronic toll collection
• Loyalty and micro-payment
1
ISO/IEC 14443-x used in this data-sheet refers to ISO/IEC 14443 Type A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33