| Moteur de recherche de fiches techniques de composants électroniques |
|
MCS16 Fiches technique(PDF) 5 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
MCS16 Fiches technique(HTML) 5 Page - Schurter Inc. |
|
5 / 6 page ![]() 5 Metal Line Switches MCS 16 https://www.schurter.com /PG70 Switches Order Index Lettering Laser Marking 001 = A 021 = U 041 = ÷ 061 = EIN 002 = B 022 = V 042 = ✳ 062 = AUS 003 = C 023 = W 043 = = 063 = AUF 004 = D 024 = X 044 = # 064 = AB 005 = E 025 = Y 045 = ↔ 065 = ON 006 = F 026 = Z 046 = ↕ 066 = OFF 007 = G 027 = 0 047 = → 067 = UP 008 = H 028 = 1 048 = ← 068 = DOWN 009 = I 029 = 2 049 = ↓ 069 = HIGH 010 = J 030 = 3 050 = ↑ 070 = LOW 011 = K 031 = 4 051 = % 071 = ON/OFF 012 = L 032 = 5 052 = √ 072 = START 013 = M 033 = 6 053 = CTRL 073 = RESET 014 = N 034 = 7 054 = RETURN 074 = 015 = O 035 = 8 055 = SHIFT 075 = 016 = P 036 = 9 056 = LOCK 076 = 017 = Q 037 = + 057 = STOP 077 = 018 = R 038 = - 058 = ENTER 019 = S 039 = . 059 = BACK 020 = T 040 = x 060 = LINE Please note that the font size depends on the number of characters All Variants Terminal Contact Housing Material Actuator Material Varnish Illumination Color LED Config. Code Order Number Pins Au Zinc Diecasting Zinc Diecasting - non-illuminated - MCS 16 3-109-081 █ Pins with Solde- ring Aid Ag Zinc Diecasting Zinc Diecasting - Point Illumination red / green MCS 16 3-109-091 █ Pins Ag Zinc Diecasting Zinc Diecasting - non-illuminated - MCS 16 3-109-092 █ Pins with Solde- ring Aid Ag Zinc Diecasting Zinc Diecasting - non-illuminated - MCS 16 3-109-095 █ Pins with Solde- ring Aid Ag Zinc Diecasting Stainless Steel - non-illuminated - MCS 16 3-109-096 █ Pins with Solde- ring Aid Ag Zinc Diecasting Stainless Steel - Point Illumination red / green MCS 16 3-109-100 █ For Lettering versions see table "Order Index Lettering" to determine the symbol Nut with gasket are enclosed in the box. █ Most Popular. Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER |