| Moteur de recherche de fiches techniques de composants électroniques |
|
KFS Fiches technique(PDF) 2 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
KFS Fiches technique(HTML) 2 Page - Schurter Inc. |
|
2 / 6 page ![]() 2 Power Entry Modules with Line Filter KFS https://www.schurter.com /PG06 EMC Products Approvals The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products. Approval Reference Type: KFS Approval Logo Certificates Certification Body Description VDE Approvals VDE Certificate Number: 40004665 (FGS) UL Approvals UL UL File Number: E72928 (FGS) Product standards Product standards that are referenced Organization Design Standard Description Designed according to IEC 60320-1 Appliance couplers for household and similar general purposes Designed according to IEC 60939 Passive filters for suppressing electromagnetic interference Designed according to IEC 61058-1 Switches for appliances. Part 1. General requirements Designed according to UL 498 Standard for Attachment Plugs and Receptacles Designed according to UL 1283 Electromagnetic interference filters Designed according to CSA C22.2 no. 42 General Use Receptacles, Attachment Plugs, and Similar Wiring Devices Designed according to CSA C22.2 no. 8 Electromagnetic interference (EMI) filters Application standards Application standards where the product can be used Organization Design Standard Description Designed for applications acc. IEC/UL 62368-1 Audio/video, information and communication technology equipment - Part 1: Safety requirements Compliances The product complies with following Guide Lines Identification Details Initiator Description CE declaration of conformity SCHURTER AG The CE marking declares that the product complies with the applicable requirements laid down in the harmonisation of Community legislation on its affixing in accordance with EU Regulation 765/2008. UKCA declaration of conformity SCHURTER AG The UKCA marking declares that the product complies with the applicable requirements laid down in the British Amendment of Regulation (EC) 765/2008. RoHS SCHURTER AG Directive RoHS 2011/65/EU, Amendment (EU) 2015/863 China RoHS SCHURTER AG The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March 2007. It is similar to the EU directive RoHS. REACH SCHURTER AG On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration, Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as "REACH") entered into force. SCHURTER AG V-Lock system are based on a matching plug-dose combination. The connector is equipped with a notch intended for use with the latching cordset. The cord latching system prevents against accidental removal of the cordset. |