Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLVM13630 Fiches technique(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLVM13630
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Fiches technique(HTML) 39 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 35Page - Texas Instruments TLVM13630 Datasheet HTML 36Page - Texas Instruments TLVM13630 Datasheet HTML 37Page - Texas Instruments TLVM13630 Datasheet HTML 38Page - Texas Instruments TLVM13630 Datasheet HTML 39Page - Texas Instruments TLVM13630 Datasheet HTML 40Page - Texas Instruments TLVM13630 Datasheet HTML 41Page - Texas Instruments TLVM13630 Datasheet HTML 42Page - Texas Instruments TLVM13630 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLVM13630RDHR
B0QFN
RDH
30
3000
330.0
16.4
4.25
6.25
2.1
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Feb-2022
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44