Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373CC Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STM32F373CC
Description  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373CC Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STM32F373CC Datasheet HTML 5Page - STMicroelectronics STM32F373CC Datasheet HTML 6Page - STMicroelectronics STM32F373CC Datasheet HTML 7Page - STMicroelectronics STM32F373CC Datasheet HTML 8Page - STMicroelectronics STM32F373CC Datasheet HTML 9Page - STMicroelectronics STM32F373CC Datasheet HTML 10Page - STMicroelectronics STM32F373CC Datasheet HTML 11Page - STMicroelectronics STM32F373CC Datasheet HTML 12Page - STMicroelectronics STM32F373CC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
DocID022691 Rev 7
9/137
STM32F373xx
Introduction
47
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F373xx microcontrollers.
This STM32F373xx datasheet should be read in conjunction with the RM0313 reference
manual. The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the Cortex®-M4 with FPU core, please refer to:
•
Cortex®-M4 with FPU Technical Reference Manual, available from www.arm.com.
•
STM32F3xxx and STM32F4xxx Cortex®-M4 programming manual (PM0214) available
from www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More