Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWLC68JRF Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STWLC68JRF
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68JRF Fiches technique(HTML) 2 Page - STMicroelectronics

  STWLC68JRF Datasheet HTML 1Page - STMicroelectronics STWLC68JRF Datasheet HTML 2Page - STMicroelectronics STWLC68JRF Datasheet HTML 3Page - STMicroelectronics STWLC68JRF Datasheet HTML 4Page - STMicroelectronics STWLC68JRF Datasheet HTML 5Page - STMicroelectronics STWLC68JRF Datasheet HTML 6Page - STMicroelectronics STWLC68JRF Datasheet HTML 7Page - STMicroelectronics STWLC68JRF Datasheet HTML 8Page - STMicroelectronics STWLC68JRF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1
Introduction
STWLC68 is a Wireless Power Receiver that rectifies the AC voltage developed across the receiving coil and
provides a regulated DC voltage at the output.
The 32-bit core MCU is the supervisor of the whole device and manages all the functional blocks to
•
establish and maintain communication with the transmitter,
•
ensure adherence to Qi standard specifications (wherever required),
•
optimize the efficiency by properly adjusting the operating point
•
guarantee reliability by monitoring and protecting both the load and the device itself.
In order to execute the above mentioned (and many others) task, the MCU core relies on a resident firmware
stored in ROM memory. In addition, some configuration parameters (e.g. output voltage, FOD tuning parameters,
etc.) can be saved in the internal One-Time Programmable (OTP) memory and retrieved at power-up, allowing the
STWLC68 to operate as a fully autonomuous stand-alone chip.
Applications in which the host system directly monitors or controls the power transfer, the I2C interface provides
full access to the internal registers of the STWLC68.
The device is also equipped with six programmable general-purpose I/O pins (GPIOs) to implement specific
functions (e.g. driving status LEDs, enabling the output on request, informing the host system about faulty
conditions, etc.).
Figure 1 shows the block diagram of the device with simplified interconnections among the functional blocks. The
synchronous rectifier converts the AC voltage from the receiving coil into a DC voltage at the VRECT pin. The
four switches of the rectifier (that is basically an H-bridge) are controlled by the digital core in order to minimize
both conduction and switching losses as a function of the output voltage and current, both monitored by two
channels of the ADC. Two bootstrap capacitors are externally connected to the BOOT1-BOOT2 pins to correctly
drive the high-side switches of the rectifier.
The output of the rectifier, filtered by an external capacitor, is also the input rail for the main LDO linear regulator
and for the auxiliary linear regulators in charge of deriving the 5 V and 1.8 V supply voltages.
The digital core has full control of the main LDO linear regulator in order to manage the output voltage, the output
current and the drop-out voltage: since the most relevant contribution to the total chip power dissipation is due to
the main linear regulator, minimizing its drop-out voltage is a key factor.
Of course the minimization of the drop-out voltage requires a closed loop regulation of the voltage at the VRECT
pin, i.e. a feedback information that is sent to the transmitter (via ASK modulation) which, in turn, adjusts the
delivered power by acting on the supply voltage, the switching frequency or the switching duty-cycle (or a
combination of the three) of its own power stage, depending on the adopted technique.
This regulation loop involving the transmitter is an essential part of the wireless power transmission and is
extensively described in Qi specifications.
STWLC68
Introduction
DS13131 - Rev 3
page 2/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32