Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

32F072V8T6 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce 32F072V8T6
Description  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32F072V8T6 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button 32F072V8T6 Datasheet HTML 29Page - STMicroelectronics 32F072V8T6 Datasheet HTML 30Page - STMicroelectronics 32F072V8T6 Datasheet HTML 31Page - STMicroelectronics 32F072V8T6 Datasheet HTML 32Page - STMicroelectronics 32F072V8T6 Datasheet HTML 33Page - STMicroelectronics 32F072V8T6 Datasheet HTML 34Page - STMicroelectronics 32F072V8T6 Datasheet HTML 35Page - STMicroelectronics 32F072V8T6 Datasheet HTML 36Page - STMicroelectronics 32F072V8T6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
DS9826 Rev 6
33/128
STM32F072x8 STM32F072xB
Pinouts and pin descriptions
43
Figure 6. UFBGA64 package pinout
MSv39735V1
A
B
C
D
E
Top view
UFBGA64
F
G
H
I/O supplied from VDDIO2
8
7
6
5
4
3
2
1
PC14-
OSC32_
IN
VDDA
PC15-
OSC32_
OUT
PF0-
OSC_
IN
PF1-
OSC_
OUT
PC3
NRST
VSSA
VDD
PC2
PC13
PC1
PA1
PA0
VSS
VBAT
PA4
PA3
PB6
PB9
PB7
PC0
PB8
PA2
PA7
PA6
BOOT0
PB4
PB5
VSS
PA5
VDD
PB1
PC4
PB3
PB0
VDD
VSS
PD2
PC12
PC5
PA10
VDDIO2
VSS
PB2
PA15
PC11
PC6
PB11
PB10
PB15
PA14
PC10
PA9
PA8
PC7
PB14
PB13
PB12
PA13
PA12
PA11
PC9
PC8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More