| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC58NH92C3 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NH92C3 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 147 page ![]() DS12304 Rev 5 73/147 SPC58EHx, SPC58NHx Electrical characteristics 74 VLVD290_IE0 CC P VDD_HV_IO_ETH0 — 2.89 2.94 2.99 V VLVD400_IE CC P VDD_HV_EMMC — 4.15 4.23 4.31 V VLVD400_AS CC P VDD_HV_ADV (ADCSAR pad) — 4.15 4.23 4.31 V VLVD400_IM CC P VDD_HV_IO_MAIN — 4.15 4.23 4.31 V VLVD400_IE1 CC P VDD_HV_IO_ETH1 4.15 4.23 4.31 V VLVD400_IE0 CC P VDD_HV_IO_ETH0 — 4.15 4.23 4.31 V High Voltage Detectors HV VHVD400_C CC P VDD_HV_IO_MAIN 3.68 3.75 3.82 V VHVD400_IE1 CC P VDD_HV_IO_ETH1 3.68 3.75 3.82 V VHVD400_IE0 CC P VDD_HV_IO_ETH0 — 3.68 3.75 3.82 V Upper Voltage Detectors HV VUVD600_C CC P VDD_HV_IO_MAIN 5.72 5.82 5.92 V VUVD600_F CC P VDD_HV_FLA — 5.72 5.82 5.92 V VUVD600_IE1 CC P VDD_HV_IO_ETH1 — 5.72 5.82 5.92 V VUVD600_IE0 CC P VDD_HV_IO_ETH0 — 5.72 5.82 5.92 V PowerOn Reset LV VPOR031_C CC P VDD_LV — 0.29 0.60 0.97 V Minimum Voltage Detectors LV VMVD082_C CC P VDD_LV — 0.85 0.88 0.91 V VMVD094_C CC P VDD_LV — 0.98 1.00 1.02 V VMVD094_FA CC P VDD_LV (Flash) — 1.00 1.02 1.04 V VMVD094_FB CC P VDD_LV (Flash) — 1.00 1.02 1.04 V Low Voltage Detectors LV VLVD100_C CC P VDD_LV — 1.06 1.08 1.11 V VLVD100_SB CC P VDD_LV (In Standby) — 0.99 1.01 1.03 V VLVD100_F CC P VDD_LV (Flash) — 1.08 1.10 1.12 V High Voltage Detectors LV VHVD134_C CC P VDD_LV — 1.28 1.31 1.33 V Upper Voltage Detectors LV VUVD140_C CC P VDD_LV — 1.34 1.37 1.39 V VUVD140_F CC P VDD_LV (Flash) — 1.34 1.37 1.39 V Common TVMFILTER CC D Voltage monitor filter(3) —5 — 30 μs Table 36. Voltage monitor electrical characteristics (continued) Symbol C Supply/Parameter(1) Conditions Value(2) Unit Min Typ Max |