Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA369BWS Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STA369BWS_V01 Datasheet HTML 35Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 36Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 37Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 38Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 39Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 40Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 41Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 42Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
DocID016861 Rev 7
39/92
STA369BWS
Register description
92
Figure 12. OCFG = 01
Figure 13. OCFG = 10
Figure 14. OCFG = 11
The STA369BWS can be configured to support different output configurations. For each
PWM output channel a PWM slot is defined. A PWM slot is always 1 / (8 * fs) seconds
length. The PWM slot define the maximum extension for PWM rise and fall edge, that is,
rising edge as far as the falling edge cannot range outside PWM slot boundaries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92