| Moteur de recherche de fiches techniques de composants électroniques |
|
ST25DV16K Fiches technique(PDF) 166 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16K Fiches technique(HTML) 166 Page - STMicroelectronics |
|
166 / 200 page ![]() Table 275. Polling during programing after sequential write in User memory when write operation allowed and all bytes belong to same area. Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - NoACK 9th bit Device Busy Start A6h - Device select for writing - NoACK 9th bit Device Busy Start A6h - Device select for writing - ... 9th bit Device Busy Start A6h - Device select for writing - ACK 9th bit Device ready Programing completed Stop - End of Polling Table 276. Sequential write in User memory when write operation allowed and crossing over area border Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit ADDRESS_MSB - Send Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send Address LSB (1 Byte) - ACK 9th bit DATA 0 - Send Data 0 - ACK 9th bit DATA 1 - Send Data 1 - ACK 9th bit ... - ... - ... ... DATA n - Send Data n Address is located in next memory area - NoACK 9th bit Stop - No programming Device return in Standby ST25DV04K ST25DV16K ST25DV64K I2C sequential writing and polling DS10925 - Rev 9 page 166/200 |