| Moteur de recherche de fiches techniques de composants électroniques |
|
ST25DV16K Fiches technique(PDF) 164 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16K Fiches technique(HTML) 164 Page - STMicroelectronics |
|
164 / 200 page ![]() B.2.4 I2C byte write and polling in system memory Table 271. Byte Write in System memory if I2C security session is open and register is not RO Request/Response Frame Comment Master drives SDA Slave drives SDA Start AEh - Device select for writing - ACK 9th bit ADDRESS_MSB - Send Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send Address LSB (1 Byte) - ACK 9th bit DATA - Send Data - ACK 9th bit Stop - Start of Programming Table 272. Polling during programing after byte write in System memory if I2C security session is open and register is not RO Request/Response Frame Comment Master drives SDA Slave drives SDA Start AEh - Device select for writing - NoACK 9th bit Device Busy Start AEh - Device select for writing - NoACK 9th bit Device Busy Start AEh - Device select for writing - ... 9th bit Start AEh - Device select for writing - ACK 9th bit Device ready Programing completed Stop - end of Polling ST25DV04K ST25DV16K ST25DV64K I2C Byte writing and polling DS10925 - Rev 9 page 164/200 |