| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC58NH84E7 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NH84E7 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 147 page ![]() Electrical characteristics SPC58EHx, SPC58NHx 32/147 DS12304 Rev 5 Figure 3. I/O input electrical characteristics VIL VIN VIH VINTERNAL VDD VHYS (SIUL register) Table 10. I/O input electrical characteristics Symbol C Parameter Conditions Value Unit Min Typ Max TTL Vihttl SR P Input high level TTL —2 — VDD_HV_IO + 0.3 V Vilttl SR P Input low level TTL — –0.3 — 0.8 V Vhysttl CC C Input hysteresis TTL —0.3 — — V CMOS Vihcmos SR P Input high level CMOS —0.65 * VDD — VDD_HV_IO + 0.3 V Vilcmos SR P Input low level CMOS — –0.3 — 0.35 * VDD V Vhyscmos CC C Input hysteresis CMOS —0.10 * VDD —— V COMMON ILKG CC P Pad input leakage INPUT-ONLY pads TJ =150 °C —— 200 nA ILKG CC P Pad input leakage MEDIUM pads TJ =150 °C —— 360 nA ILKG CC P Pad input leakage STRONG pads TJ =150 °C — — 1,000 nA |