Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64KC Fiches technique(PDF) 109 Page - STMicroelectronics

No de pièce ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Fiches technique(HTML) 109 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 105Page - STMicroelectronics ST25DV64KC Datasheet HTML 106Page - STMicroelectronics ST25DV64KC Datasheet HTML 107Page - STMicroelectronics ST25DV64KC Datasheet HTML 108Page - STMicroelectronics ST25DV64KC Datasheet HTML 109Page - STMicroelectronics ST25DV64KC Datasheet HTML 110Page - STMicroelectronics ST25DV64KC Datasheet HTML 111Page - STMicroelectronics ST25DV64KC Datasheet HTML 112Page - STMicroelectronics ST25DV64KC Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 203 page
background image
Response parameter:
•
Error code as Error_flag is set:
–
03h: Option not supported
–
0Fh: error with no information given
Figure 57. Get System Info frame exchange between VCD and ST25DVxxKC
SOF
Get System info
request
VCD
ST25DVxxKC
EOF
SOF
Get System info
response
EOF
t1
7.6.23
Extended Get System Info
When receiving the Extended Get System Info command, the ST25DVxxKC sends back its information data in the
response.
The Option_flag is not supported. The Inventory_flag must be set to 0. The Extended Get System Info can be
issued in both Addressed and Non Addressed modes.
Table 164. Extended Get System Info request format
Request SOF Request_flags
Extended Get System Info
Parameter request field
UID (1) CRC16 Request EOF
-
8 bits
0xx1xxxxb
8 bits
64 bits 16 bits
-
1. This field is optional.
•
Request flags
•
Request parameters
•
UID (optional)
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 109/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More