| Moteur de recherche de fiches techniques de composants électroniques |
|
SR2 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SR2 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 22 page ![]() DocID026047 Rev 2 7/22 SR2 Typical application diagram 22 3 Typical application diagram Figure 4. Single-button Smart Reset™ typical hookup 1. External pull-up resistor requested if the reset output (RST) is open drain type without internal pull-up. 2. External pull-up resistor requested if the Smart Reset™ inputs (SR0 and SR1) have no internal pull-up. 3. When only one Smart Reset™ input push-button is used, tie both the SR inputs together. VCC VCC VCC PUSH -BUTTON SWITCH MCU RST VSS VSS SR1 SR0 SR2 RESET INT / NMI GAMS2602141450SG (1) (2) (3) |