| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC582BX Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC582BX Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 115 page ![]() Electrical characteristics SPC582Bx 18/115 DS11597 Rev 4 During power-up, all functional terminals are maintained in a known state as described in the device pinout Microsoft Excel file attached to the IO_Definition document. Table 6. Device supply relation during power-up/power-down sequence Supply2 VDD_LV VDD_HV_IO_MAIN VDD_HV_FLA VDD_HV_OSC VDD_HV_ADV VDD_HV_ADR VDD_HV_IO_MAIN VDD_HV_FLA VDD_HV_OSC(1) ok ok ok VDD_HV_ADV ok not allowed ok VDD_HV_ADR ok not allowed not allowed 1. The application shall grant that these supplies are always at the same voltage level. |