| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC572L64F2 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC572L64F2 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 112 page ![]() Introduction SPC572Lx 12/112 DocID027866 Rev 5 • 1 Clock Calibration on CAN Unit (CCCU) • Fast Ethernet Controller (FEC) • Fast Asynchronous Serial Transmission (LFAST) • Nexus Development Interface (NDI) per IEEE-ISTO 5001-2003 standard, with partial support for 2010 standard • Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1 and IEEE 1149.7) • On-chip voltage regulator controller manages the supply voltage down to 1.2 V for core logic • Self-test capability |