Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AF6213 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 16Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 17Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 18Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 19Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 20Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 21Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 22Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 23Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
Product overview
STM8AF6213/13A/23/23A/26
20/112
DS9884 Rev 9
4.14.1
LINUART
Main features
•
1 Mbit/s full duplex SCI
•
SPI emulation
•
High precision baud rate generator
•
Smartcard emulation
•
IrDA SIR encoder decoder
•
LIN mode
•
Single wire half duplex mode
LIN mode
Master mode:
•
LIN break and delimiter generation
•
LIN break and delimiter detection with separate flag and interrupt source for read back
checking.
Slave mode:
•
Autonomous header handling – one single interrupt per valid header
•
Mute mode to filter responses
•
Identifier parity error checking
•
LIN automatic resynchronization, allowing operation with internal RC oscillator (HSI)
clock source
•
Break detection at any time, even during a byte reception
•
Header errors detection:
–
Delimiter too short
–
Synch field error
–
Deviation error (if automatic resynchronization is enabled)
–
Framing error in synch field or identifier field
–
Header time-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More