Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303X6 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STM32F303X6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X6 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STM32F303X6 Datasheet HTML 28Page - STMicroelectronics STM32F303X6 Datasheet HTML 29Page - STMicroelectronics STM32F303X6 Datasheet HTML 30Page - STMicroelectronics STM32F303X6 Datasheet HTML 31Page - STMicroelectronics STM32F303X6 Datasheet HTML 32Page - STMicroelectronics STM32F303X6 Datasheet HTML 33Page - STMicroelectronics STM32F303X6 Datasheet HTML 34Page - STMicroelectronics STM32F303X6 Datasheet HTML 35Page - STMicroelectronics STM32F303X6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
Pinout and pin descriptions
STM32F303x6/x8
32/124
DS9866 Rev 8
Figure 6. LQFP64 pinout
1. The above figure shows the package top view.
MS31951V2
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
1
48
VDD
2
47
VSS
3
46
PA13
4
45
PA12
5
44
PA11
6
43
PA10
7
42
PA9
8
LQFP64
41
PA8
9
40
PC9
10
39
PC8
11
38
PC7
12
37
PC6
13
36
PB15
14
35
PB14
15
34
PB13
16
33
PB12
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
PF0/OSC_IN
PC2
PC3
PA0
PA1
PA2
VBAT
PC13
PC14/OSC32_IN
PC15/OSC32_OUT
PF1/OSC_OUT
NRST
PC0
PC1
VSSA/VREF-
VDDA/VREF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More