Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L011D4P7 Fiches technique(PDF) 97 Page - STMicroelectronics

No de pièce STM32L011D4P7
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011D4P7 Fiches technique(HTML) 97 Page - STMicroelectronics

Back Button STM32L011D4P7 Datasheet HTML 93Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 94Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 95Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 96Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 97Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 98Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 99Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 100Page - STMicroelectronics STM32L011D4P7 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 119 page
background image
DocID027973 Rev 5
97/119
STM32L011x3/4
Package information
115
7.2
UFQFPN32 package information
Figure 35. UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat
package outline
1. Drawing is not to scale.
2. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and
solder this backside pad to PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More