Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151RCT6 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STM32L151RCT6
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RCT6 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STM32L151RCT6 Datasheet HTML 37Page - STMicroelectronics STM32L151RCT6 Datasheet HTML 38Page - STMicroelectronics STM32L151RCT6 Datasheet HTML 39Page - STMicroelectronics STM32L151RCT6 Datasheet HTML 40Page - STMicroelectronics STM32L151RCT6 Datasheet HTML 41Page - STMicroelectronics STM32L151RCT6 Datasheet HTML 42Page - STMicroelectronics STM32L151RCT6 Datasheet HTML 43Page - STMicroelectronics STM32L151RCT6 Datasheet HTML 44Page - STMicroelectronics STM32L151RCT6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 136 page
background image
DocID022799 Rev 13
41/136
STM32L151xC STM32L152xC
Pin descriptions
51
M6
36 27 H3 19
PB1
I/O
FT
PB1
TIM3_CH4/LCD_SEG6
ADC_IN9/
COMP1_INP/
VREF_OUT
L6
37 28 G3 20
PB2
I/O
FT
PB2
/BOOT1
BOOT1
VLCDRAIL1/
ADCIN0b
M7
38
-
-
-
PE7
I/O
TC
PE7
-
ADC_IN22/
COMP1_INP
L7
39
-
-
-
PE8
I/O
TC
PE8
-
ADC_IN23/
COMP1_INP
M8
40
-
-
-
PE9
-
TC
PE9
TIM2_CH1_ETR/
TIM5_ETR
ADC_IN24/
COMP1_INP
L8
41
-
-
-
PE10
I/O
TC
PE10
TIM2_CH2
ADC_IN25/
COMP1_INP
M9
42
-
-
-
PE11
I/O
FT
PE11
TIM2_CH3
VLCDRAIL2
L9
43
-
-
-
PE12
I/O
FT
PE12
TIM2_CH4/SPI1_NSS
VLCDRAIL3
M10 44
-
-
-
PE13
I/O
FT
PE13
SPI1_SCK
-
M11 45
-
-
-
PE14
I/O
FT
PE14
SPI1_MISO
-
M12 46
-
-
-
PE15
I/O
FT
PE15
SPI1_MOSI
-
L10
47 29 J2 21
PB10
I/O
FT
PB10
TIM2_CH3/I2C2_SCL/
USART3_TX/
LCD_SEG10
-
L11
48 30 H2 22
PB11
I/O
FT
PB11
TIM2_CH4/I2C2_SDA/
USART3_RX/
LCD_SEG11
-
--
-
H5
-
VSS
S-
VSS
--
F12
49 31 J1 23
VSS_1
S-
VSS_1
--
G12 50 32 H1 24
VDD_1
S-
VDD_1
--
Table 9. STM32L151xC and STM32L152xC pin definitions (continued)
Pins
Pin name
Main
function(2)
(after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More