| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L15XCC Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L15XCC Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 136 page ![]() Functional overview STM32L151xC STM32L152xC 16/136 DocID022799 Rev 13 VDD=VDDA = 2.0 to 2.4 V Conversion time up to 500 Ksps Functional(3) Range 1, Range 2 or Range 3 VDD=VDDA = 2.4 to 3.6 V Conversion time up to 1 Msps Functional(3) Range 1, Range 2 or Range 3 1. The GPIO speed also depends from VDD voltage and the user has to refer to Table 45: I/O AC characteristics for more information about I/O speed. 2. CPU frequency changes from initial to final must respect “FCPU initial < 4*FCPU final” to limit VCORE drop due to current consumption peak when frequency increases. It must also respect 5 µs delay between two changes. For example to switch from 4.2 MHz to 32 MHz, the user can switch from 4.2 MHz to 16 MHz, wait 5 µs, then switch from 16 MHz to 32 MHz. 3. Should be USB compliant from I/O voltage standpoint, the minimum VDD is 3.0 V. Table 4. CPU frequency range depending on dynamic voltage scaling CPU frequency range Dynamic voltage scaling range 16 MHz to 32 MHz (1ws) 32 kHz to 16 MHz (0ws) Range 1 8 MHz to 16 MHz (1ws) 32 kHz to 8 MHz (0ws) Range 2 2.1MHz to 4.2 MHz (1ws) 32 kHz to 2.1 MHz (0ws) Range 3 Table 3. Functionalities depending on the operating power supply range (continued) Functionalities depending on the operating power supply range(1) Operating power supply range DAC and ADC operation USB Dynamic voltage scaling range |