Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-USBPD45C Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STEVAL-USBPD45C
Description  45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-USBPD45C Fiches technique(HTML) 5 Page - STMicroelectronics

  STEVAL-USBPD45C Datasheet HTML 1Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 2Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 3Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 4Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 5Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 6Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 7Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 8Page - STMicroelectronics STEVAL-USBPD45C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Figure 3. STEVAL-USBPD45I - STUSB1602A USB Type-C controller
10k
10k
2.2k
STUSB1602A
VCONN
3
GND
10
ADDR0
13
VBUS_EN_SNK
19
VBUS_EN_SRC
20
VREG_1V2
21
VSYS
22
VREG_2V7
23
VDD
24
Exposed
25
2.2k
10k
2.2k
1µF
10k
1µF
EN_SRC
EN_SNK
Figure 4. STEVAL-USBPD45I Type-C receptacle
R=0.01 G=100
GND
GND
GND
GND
GND
24k
R15
TP7
C21
4.7µF N.M.
50V
R22
0.01
D1
4.7k
R18
D2
C18
220nF 25V
D3
CN2
USB TYPE-C
B12
GND4
B11
RX1+
B10
RX1-
B9
VBUS4
B8
SBU2
B7
D-2
B6
D+2
B5
CC2
B4
VBUS3
B3
TX2-
B2
TX2+
B1
GND3
GND1
A1
TX1+
A2
TX1-
A3
VBUS1
A4
CC1
A5
D+1
A6
D-1
A7
SBU1
A8
VBUS2
A9
RX2-
A10
RX2+
A11
GND2
A12
CC2
CC1
VSENSE
VBUS
STEVAL-USBPD45C
Schematics diagram for STEVAL-USBPD45I
DB3575 - Rev 3
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9